PART |
Description |
Maker |
MTPD1346-150 MTPD1346-150-15 |
High Speed InGaAs PIN Photodiode
|
Marktech Corporate
|
6N135 |
High Speed Optocoupler, 1 MBd Photodiode
|
Vishay Siliconix
|
PD1521C PD15-21C |
high speed and high sensitve PIN photodiode in miniature SMD which is molder in a water clear with flat top view lens.
|
Everlight Electronic Co., Ltd. Everlight Electronics Co., Ltd
|
PD49PI |
High Speed, High Sensitivity Photodiode
|
Sharp Electrionic Compo...
|
C8366 |
Current-to-voltage conversion amplifier for high-speed Si PIN photodiode
|
Hamamatsu Corporation
|
TPC8006-H |
Field Effect Transistor Silicon N Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Portable Equipment Applications Notebook PC Applications
|
TOSHIBA
|
TPC8105-H |
Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications
|
TOSHIBA
|
6N1135 6N1136-X006 6N1136-X007 6N1136-X009 6N1136 |
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated 高速光耦,1千万桶,与晶体管输出10 C额定光电二极 Optocouplers
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix
|
BL-B3141P BL-B2141P BL-BX13V1G BL-BXXV1T BL-B2114 |
STANDARD LED LAMPS (ROUND TYPES) 标准LED节能灯(圆形类型 RESISTOR 1/2W 1K 5% 2010 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Inverting Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 2K OHM 1% 1/2W CHIP RES (2010) High Speed CMOS Logic Octal Bus Transceivers/Registers with 3-State Outputs 24-SOIC -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
AT27BV040-15TC AT27BV040-15TI AT27BV040-15JI AT27B |
High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-TSSOP -55 to 125 4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
PS9121-F3-AX PS9821-1-A PS9121-A PS9121-AX PS9121- |
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
|
Duracell California Eastern Labs
|